Part Number Hot Search : 
15080 UM37514P BUT93 01762 1N5223C HA0018E IW4013B SRB3100
Product Description
Full Text Search
 

To Download VS-15MQ040NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94141 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 04-mar-10 1 schottky rectifier, 3 a VS-15MQ040NPBF vishay high power products features ? surface mountable ? extremely low forward voltage ? compact size ? improved reverse blocking voltage capability relative to other si milar size schottky ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level applications ? switching power supplies ? meter protection ? reverse protection for power input to pc board circuits ? battery isolation and charging ? low threshold voltage diode ? freewheeling or by-pass diode ? low voltage clamp description the VS-15MQ040NPBF schottky rectifier is designed to be used for low power applications where a reverse voltage of 40 v is encountered and surf ace mountable is required. product summary i f(av) 3 a v r 40 v cathode anode s ma major ratings and characteristics symbol characteristics values units i f(av) dc 3 a v rrm 40 v i fsm t p = 5 s sine 330 a v f 2 apk, t j = 125 c 0.43 v t j range - 40 to 150 c voltage ratings parameter symbol VS-15MQ040NPBF units maximum dc reverse voltage v r 40 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 4 i f(av) 50 % duty cycle at t l = 105 c, rectangular waveform on pc board 9 mm 2 island (0.013 mm thick copper pad area) 2.1 a maximum peak one cycle non-repetitive surge current see fig. 6 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 330 a 10 ms sine or 6 ms rect. pulse 140 non-repetitive avalanche energy e as t j = 25 c, i as = 1 a, l = 12 mh 6.0 mj repetitive avalanche current i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1.0 a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94141 2 revision: 04-mar-10 VS-15MQ040NPBF vishay high power products schottky rectifier, 3 a note (1) pulse width < 300 s, duty cycle < 2 % note (1) thermal runaway condition fo r a diode on its own heatsink electrical specifications parameter symbol test conditions values units maximum forward voltage drop see fig. 1 v fm (1) 1 a t j = 25 c 0.42 v 2 a 0.49 1 a t j = 125 c 0.34 2 a 0.43 maximum reverse leakage current see fig. 2 i rm (1) t j = 25 c v r = rated v r 0.5 ma t j = 125 c 20 threshold voltage v f(to) t j = t j maximum 0.26 v forward slope resistance r t 64.6 m typical junction capacitance c t v r = 10 v dc , t j = 25 c, test signal = 1 mhz 134 pf typical series inductance l s measured lead to lead 5 mm from package body 2.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j (1) , t stg - 40 to 150 c maximum thermal resistance, junction to ambient r thja dc operation 80 c/w approximate weight 0.07 g 0.002 oz. marking device case style sma (similar d-64) v3f dp tot dt j ------------- 1 r thja -------------- <
document number: 94141 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 04-mar-10 3 VS-15MQ040NPBF schottky rectifier, 3 a vishay high power products fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical peak reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum average forward current vs. allowable lead temperature fig. 5 - maximum average forward dissipation vs. average forward current fig. 6 - maximum peak surge forward current vs. pulse duration note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 0.1 10 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.3 0.5 0.7 0.9 1 0.8 0.6 0.4 0.2 t j = 150 c t j = 125 c t j = 25 c i r - reverse current (ma) v r - reverse voltage (v) 01020 30 0.01 0.1 1 10 100 5 40 0.001 35 25 15 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c c t - junction capacitance (pf) v r - reverse voltage (v) 02030 40 45 100 1000 10 t j = 25 c 10 5 15 25 35 allowable case temperature (c) i f(av) - average forward current (a) 0 2.0 3.0 1.0 30 50 70 110 150 0.5 1.5 2.5 90 130 square wave (d = 0.50) 80 % rated v r applied see note (1) d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 dc 140 120 100 80 60 40 0 0.4 1.0 1.6 average power loss (w) i f(av) - average forward current (a) 0 2.0 3.0 1.4 0.6 0.2 1.5 1.0 0.5 2.5 0.8 rms limit dc d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 1.2 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 100 1000 10 000 at any rated load condition and with rated v applied following surge rrm
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94141 4 revision: 04-mar-10 VS-15MQ040NPBF vishay high power products schottky rectifier, 3 a ordering information table 2 - current rating 3 - m = sma 4 - q = schottky ?q? series 5 - voltage rating (040 = 40 v) 6 - n = new sma 7 - none = box (1000 pieces) tr = tape and reel (7500 pieces) - pbf = lead (pb)-free 8 1 - hpp product suffix device code 5 13 24 678 vs- 15 m q 040 n tr pbf links to related documents dimensions www.vishay.com/doc?95018 part marking information www.vishay.com/doc?95029 packaging information tape and reel www.vishay.com/doc?95034 bulk www.vishay.com/doc?95397 spice model www.vishay.com/doc?95273
document number: 95018 for technical questions concer ning discrete products, cont act: diodes-tech@vishay.com www.vishay.com revision: 25-jun-07 for technical qu estions concerning module products , contact: ind-modules@vishay.com 1 sma outline dimensions vishay high power products dimensions in millimeters (inches) 2.50 (0.098) 2.90 (0.114) 4.00 (0.157) 4.60 (0.181) 1.40 (0.055) 1.60 (0.062) 0.152 (0.006) 0.305 (0.012) 2.00 (0.078) 2.44 (0.096) 0.76 (0.030) 1.52 (0.060) 0.103 (0.004) 0.203 (0.008) 4.80 (0.188) 5.28 (0.208) 2.10 max. (0.085 max. ) 5.53 (0.218) 1.27 min. (0.050 min.) 1.47 min. (0.058 min.) soldering pad 12 1 2 polarity part number
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-15MQ040NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X